Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download BUS-61555-32Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUS-61553
MIL-STD-1553 ADVANCED INTEGRATED MUX (AIM ) HYBRID ALSO
SEE GUIDE SER'S U
DESCRIPTION
DDC's BUS-61553 Advanced Integrated Mux (AIM) Hybrid is a complete MIL-STD-1553 Bus Controller (BC), Remote Terminal Unit (RTU), and Bus Monitor (MT) device. Packaged in a single 78-pin DIP package, the BUS-61553 contains dual low-power transceivers, complete BC/RT/MT protocol logic, a MIL-STD-1553-to-host interface unit and 8K x 16 RAM. Using an industry standard dual transceiver and standard status and control signals, the BUS-61553 simplifies system integration at both the MIL-STD-1553 and host processor interface levels. All 1553 operations are controlled through the CPU access to the shared 8K x 16 RAM. To ensure maximum design flexibility, memory control lines are provided for attaching external RAM to the BUS-61553 address and data buses and for disabling internal memory; the total combined memory space can be expanded to 64K x 16. All 1553 transfers are entirely memory-mapped; thus the CPU interface requires minimal hardware and/or software support. The BUS-61553 operates over the full military -55C to +125C temperature range. Available screened to MIL-PRF-38534, the BUS-61553 is ideal for demanding military and industrial microprocessor-to-1553 interface applications.
FEATURES * Fully Intergrated Terminal Including: -Dual Transceiver -BC/RT/MT Protocol -Memory Management Unit -Processor lnterface Logic -8K x 16 RAM * CMOS and Bipolar Technologies * Internal Interrupt Status and Time Tag Registers * High Reliability * 883B Processing Available
BUS-25679 8 1 DATA BUS A 2 4 3
TRANSCEIVER A TX INH TX RX RX CONTENTION RESOLVER
INTERRUPT GENERATOR
CLOCK IN CHANNEL A ENCODER/ DECODER MEMORY TIMING CPU TIMING MSTRCLR SELECT STRBD READYD RD/WR MEM/REG EXTEN EXTLD INT
TRANSFORMER A
768 s TIME OUT
PROTOCOL CONTROLLER
A15-A00 BUS-25679 8 DATA BUS B 4 1 2 3 TX INH TX RX RX TRANSCEIVER B D15-D00
TRANSFORMER B
CHANNEL B ENCODER/ DECODER
8K x 16 SHARED RAM PARITY CHECKER RT ADDR
RTAD0 RTAD1 RTAD2 RTAD3 RTAD4 RTAD P RTPARERR
RAM
FIGURE 1. BU-61553 BLOCK DIAGRAM
(c) 1987, 1999 Data Device Corporation
ORDERING INFORMATION
BUS-615XX- XX0X Supplemental Process Requirements: S = Pre-Cap Source Inspection L = Pull Test Q = Pull Test and Pre-Cap Inspection K = One Lot Date Code W = One Lot Date Code and PreCap Source Y = One Lot Date Code and 100% Pull Test Z = One Lot Date Code, PreCap Source and 100% Pull Test Blank = None of the Above Process Requirements: 0 = Standard DDC Processing, no Burn-In (See Page 13.) 1 = MIL-PRF-38534 Compliant 2 = B* 3 = MIL-PRF-38534 Compliant with PIND Testing 4 = MIL-PRF-38534 Compliant with Solder Dip 5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip 6 = B* with PIND Testing 7 = B* with Solder Dip 8 = B* with PIND Testing and Solder Dip 9 = Standard DDC Processing with Solder Dip, no Burn-In (See Page 13.) Temperature Grade/Data Requirements: 1 = -55C to +125C 2 = -40C to +85C 3 = 0C to +70C 4 = -55C to +125C with Variables Test Data 5 = -40C to +85C with Variables Test Data 8 = 0C to +70C with Variables Test Data Power Supply 3 = -15 V Transceivers 4 = -12 V Transceivers 5 = +5 V Transceivers-Call Factory 6 = Transceivers-Use with BUS-63102II-Call Factory Packaging 5 = DDIP 6 = Flat Pack
2
NOTES
3
The information in this data sheet is believed to be accurate; however, no responsibility is assumed by Data Device Corporation for its use, and no license or rights are granted by implication or otherwise in connection therewith. Specifications are subject to change without notice.
105 Wilbur Place, Bohemia, New York 11716-2482 For Technical Support - 1-800-DDC-5757 ext. 7257 or 7381 Headquarters - Tel: (631) 567-5600 ext. 7257 or 7381, Fax: (631) 567-7358 Southeast - Tel: (703) 450-7900, Fax: (703) 450-6610 West Coast - Tel: (714) 895-9777, Fax: (714) 895-4988 Europe - Tel: +44-(0)1635-811140, Fax: +44-(0)1635-32264 Asia/Pacific - Tel: +81-(0)3-3814-7688, Fax: +81-(0)3-3814-7689 World Wide Web - http://www.ddc-web.com
ILC DATA DEVICE CORPORATION REGISTERED TO ISO 9001 FILE NO. A5976
L - DSN
PRINTED IN THE U.S.A.
4


▲Up To Search▲   

 
Price & Availability of BUS-61555-32Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X